Part Number Hot Search : 
93LC46SN SIRA04DP LX550305 IRF7104 2AXTA RG4BC UPD65646 AD9803
Product Description
Full Text Search
 

To Download CTTCCD451K010T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Chip Tantalum Capacitor
ctparts.com
Not shown at actual size.
CTTCC Series
Compliant
RoHS
FEATURES
Easy installation, economical, high performance. Molded case available in six case codes. 6 miniature case codes available. EIA standard case sizes. Compatible with "High Volume" automatic pick and place equipment.
PART NUMBERING
ORDERING CODE
CTTCC 1
A 2
451 M 016 45 3
T 6
1. Product Type: 2. Size Code: 3. Capacitance: 4. Tolerance: 5. Rated Voltage: 6. Packaging:
CTTCC SMD Tantalum Chip Capacitor A, B, C, D, E, V. 2 Sig. Digits + Number of Zero, Ex. 105 = 1F K = 10% & M = 20% 2R5 = 2.5V; 010 = 10V; 050 = 50V T = Tape & Reel
DIMENSIONS
L H A S A
W
W1
Code A B C D E V
EIA Code 3216-18 3528-21 6032-28 7343-31 7343-43 7361-38
L0.20 3.20 3.50 6.00 7.30 7.30 7.30
W0.20 1.60 2.80 3.20 4.30 4.30 6.10
H0.20 1.60 1.90 2.60 2.90 4.10 3.450.30
W10.20 1.20 2.20 2.20 2.40 2.40 3.10
A0.30 0.80 0.80 1.30 1.30 1.30 1.40
S(min.) 1.10 1.40 2.90 4.40 4.40 4.40
06.02.08
Technologies
Manufacturer of Passive and Discrete Semiconductor Components 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2008 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
Chip Tantalum Capacitor
ctparts.com
CTTCC Series
CAPACITANCE & RATED VOLTAGE RANGE
Capacitance uF Code 104 0.10 154 0.15 224 0.22 334 0.33 474 0.47 684 0.68 105 1.0 155 1.5 225 2.2 335 3.3 475 4.7 685 6.8 10 106 15 156 22 226 336 33 476 47 686 68 107 100 157 150 227 220 330 337 470 477 680 687 1000 108 1500 158 Rated Voltage DC (VR) to 85C 10V 16V 20V
2.5V
4V
6.3V
25V
A A B B/D D C/D D D/E E/V
A A A A/B A A/B A/B B/C B/C B/C C/D C/D/E D/E D/E E/V V
A A A A/B A/B A/B A/B/C A/B/C B/C/D B/C/D B/C/D C/D C/D/E C/D/E D/E/V V V
A A A A/B A/B A/B/C A/B/C A/B/C B/C/D B/C/D C/D C/D/E C/D/E D/E D/E/V E/V V
A A A/B A/B A/B A/B/C A/B/C B/C B/C/D B/C/D C/D C/D D/E D/E/V D/E/V E/V
A A A A/B A/B A/B/C B/C B/C B/C/D B/C/D C/D C/D/E D/E D/E/V E/V
A A A A/B A/B A/B/C B/C B/C C/D C/D C/D D/E D/E E V
35V A A A A A/B A/B A/B/C B/C B/C C/D C/D C/D D/E D/E E
50V A A/B A/B B B/C B/C B/C C/D C/D C/D D D D/E E
* Higher Voltage or Smaller Size substitution is offered upon request.
TECHNICAL SPECIFICATIONS
Technical Data: Capacitance Range: Capacitance Tolerance: Rated Voltage(VR) Category Voltage(VC) Surge Voltage(VS) Surge Voltage(VS) Temperature Range: Reliability +85C +125C +85C +125C All technical data relate to an ambient temperature of +25C 0.1uF to 1000uF 10% ; 20% 2.5 1.7 3.3 2.2 4 2.7 5.2 3.4 6.3 4 8 5 10 7 13 8 16 10 20 13 20 13 26 16 25 17 32 20 35 23 46 28 50 33 65 40
-55C to +125C 1% per 1000 hours at 85C,VR with 0.1 / V R Series impedance, 60% confidence level
Qualification
CECC 30801 -005 issue 2 ; EIA 535BAAC
06.02.08
Technologies
Manufacturer of Passive and Discrete Semiconductor Components 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2008 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL


▲Up To Search▲   

 
Price & Availability of CTTCCD451K010T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X